Part Number Hot Search : 
SMCJ15CA 62CN8 S1224MC 59BCP 90FD9 ZMM5243 S1224MC HL6557MG
Product Description
Full Text Search
 

To Download BAT54SFILMY Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  november 2011 doc id 17696 rev 1 1/9 9 bat54-y automotive small signal schottky diodes features low conduction and reverse losses negligible switching losses low forward and reverse recovery times extremely fast switching surface mount device low capacitance diode ecopack ? 2 compliant component aec-q101 qualified description the bat54 series uses 40 v schottky barrier diodes packaged in sot-23, sot-323. these devices are suitable for automotive application. table 1. device summary symbol value i f 300 ma v rrm 40 v c (typ) 7 pf t j (max) 150 c bat54wfilmy (single) bat54cwfilmy (common cathode) bat54awfilmy (common anode) sot-323 configurations in top view sot-23 bat54filmy (single) BAT54SFILMY (series) www.st.com
characteristics bat54-y 2/9 doc id 17696 rev 1 1 characteristics table 2. absolute ratings (limiting values at t j = 25 c, unless otherwise specified) symbol parameter value unit v rrm repetitive peak reverse voltage 40 v i f continuous forward current 300 ma i fsm surge non repetitive forward current t p = 10 ms sinusoidal 1 a t stg storage temperature range -65 to +150 c t j operating junction temperature range -40 to +150 c t l maximum soldering temperature 260 c table 3. thermal parameters symbol parameter value unit r th(j-a) junction to ambient (1) 1. epoxy printed ci rcuit board with recommended pad layout sot-23 500 c/w sot-323 550 c/w table 4. static electrical characteristics symbol parameter test cond itions min. typ. max. unit i r (1) 1. pulse test: t p = 5 ms, < 2 % reverse leakage current t j = 25 c v r = 30 v 1 a t j = 100 c 100 v f (2) 2. pulse test: t p = 380 s, < 2 % forward voltage drop t j = 25 c i f = 0.1 ma 240 mv i f = 1 ma 320 i f = 10 ma 400 i f = 30 ma 500 i f = 100 ma 900 table 5. dynamic characteristics symbol parameter test conditions min. typ. max. unit c diode capacitance v r = 1 v, f = 1 mhz 7 10 pf t rr reverse recovery time i f = 10 ma, i r = 10 ma, t j = 25 c i rr = 1 ma, r l = 100 5ns
bat54-y characteristics doc id 17696 rev 1 3/9 figure 1. average forward power dissipation versus average forward current figure 2. average forward current versus ambient temperature ( = 1) 0.00 0.05 0.10 0.15 0.20 0.25 0.30 0.35 0.00 0.05 0.10 0.15 0.20 0.25 0.30 0.35 p(w) =0.05 =0.2 =0.1 =0.5 =1 t =tp/t tp i f(av) (a) 0.00 0.05 0.10 0.15 0.20 0.25 0.30 0.35 0 25 50 75 100 125 150 i f(av) (a) t =tp/t tp t amb (c) figure 3. reverse leakage current versus reverse applied voltage (typical values) figure 4. reverse leakage current versus junction temperature 1.e-02 1.e-01 1.e+00 1.e+01 1.e+02 0 5 10 15 20 25 30 i r (a) t j =100c t j =25c t j =50c v r (v) 1.e-01 1.e+00 1.e+01 1.e+02 1.e+03 1.e+04 0 25 50 75 100 125 150 i r [t j ]/i r [t j =25c] v r =3v t j (c) figure 5. junction capacitance versus reverse applied voltage (typical values) figure 6. forward voltage drop versus forward current (typical values) 1 10 1 10 100 c(pf) f=1mhz v osc =30mv rms t j =25c v r (v) 1.e-04 1.e-03 1.e-02 1.e-01 1.e+00 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 i fm (a) t j =50c t j =50c t j =25c t j =25c t j =-40 c t j =-40 c t j =100c t j =100c v fm (v)
characteristics bat54-y 4/9 doc id 17696 rev 1 figure 7. relative variation of thermal impedanc e junction to ambient versus pulse duration (sot-23) 1.e-02 1.e-01 1.e+00 1.e-03 1.e-02 1.e-01 1.e+00 1.e+01 1.e+02 z th(j-a) /r th(j-a) alumine substrate 10 x 8 x 0.5 mm single pulse sot23 t p (s)
bat54-y ordering information scheme doc id 17696 rev 1 5/9 2 ordering information scheme figure 8. ordering information scheme bat54 xx xx film y signal schottky diodes package packing v = 40 v rrm no letter = single diode a = common anode c = common cathode s = series diodes blank = sot-23 w = sot-323 film = tape and reel configuration automotive grade
package information bat54-y 6/9 doc id 17696 rev 1 3 package information epoxy meets ul94, v0 lead-free packages in order to meet environmental requirements, st offers these devices in different grades of ecopack ? packages, depending on their level of environmental compliance. ecopack ? specifications, grade definitions and product status are available at: www.st.com . ecopack ? is an st trademark. figure 9. sot-23 footprint (dimensions in mm) table 6. sot-23 dimensions ref. dimensions millimeters inches min. max. min. max. a 0.89 1.4 0.035 0.055 a1 0 0.1 0 0.004 b 0.3 0.51 0.012 0.02 c 0.085 0.18 0.003 0.007 d 2.75 3.04 0.108 0.12 e 0.85 1.05 0.033 0.041 e1 1.7 2.1 0.067 0.083 e 1.2 1.6 0.047 0.063 h 2.1 2.75 0.083 0.108 l 0.6 typ. 0.024 typ. s 0.35 0.65 0.014 0.026 a1 a l h b e d e e1 s c 0.95 0.61 1.26 3.25 0.73
bat54-y package information doc id 17696 rev 1 7/9 figure 10. sot-323 footprint (dimensions in mm) table 7. sot-323 dimensions ref. dimensions millimeters inches min. typ. max. min. typ. max. a 0.8 1.1 0.031 0.043 a1 0.0 0.1 0.0 0.004 b 0.25 0.4 0.010 0.016 c 0.1 0.26 0.004 0.010 d 1.8 2.0 2.2 0.071 0.079 0.086 e 1.15 1.25 1.35 0.045 0.049 0.053 e 0.65 0.026 h 1.8 2.1 2.4 0.071 0.083 0.094 l 0.1 0.2 0.3 0.004 0.008 0.012 q 0 30 0 30 a1 a l h c b e d e 0.95 1.0 2.9 0.50 0.8
ordering information bat54-y 8/9 doc id 17696 rev 1 4 ordering information 5 revision history table 8. ordering information order code marking package weight base qty delivery mode bat54filmy 86y sot-23 single 10 mg 3000 tape and reel BAT54SFILMY 88y sot-23 serial 10 mg bat54wfilmy 73y sot-323 single 6 mg bat54cwfilmy 77y sot-323 common cathode 6 mg bat54awfilmy 74y sot-323 common anode 6 mg table 9. document revision history date revision changes 04-nov-2011 1 initial release.
bat54-y doc id 17696 rev 1 9/9 please read carefully: information in this document is provided solely in connection with st products. stmicroelectronics nv and its subsidiaries (?st ?) reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described he rein at any time, without notice. all st products are sold pursuant to st?s terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st as sumes no liability whatsoever relating to the choice, selection or use of the st products and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. i f any part of this document refers to any third party products or services it shall not be deemed a license grant by st for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoev er of such third party products or services or any intellectual property contained therein. unless otherwise set forth in st?s terms and conditions of sale st disclaims any express or implied warranty with respect to the use and/or sale of st products including without limitation implied warranties of merchantability, fitness for a parti cular purpose (and their equivalents under the laws of any jurisdiction), or infringement of any patent, copyright or other intellectual property right. unless expressly approved in writing by two authorized st representatives, st products are not recommended, authorized or warranted for use in milita ry, air craft, space, life saving, or life sustaining applications, nor in products or systems where failure or malfunction may result in personal injury, death, or severe property or environmental damage. st products which are not specified as "automotive grade" may only be used in automotive applications at user?s own risk. resale of st products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by st for the st product or service described herein and shall not create or extend in any manner whatsoev er, any liability of st. st and the st logo are trademarks or registered trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2011 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - philippines - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com


▲Up To Search▲   

 
Price & Availability of BAT54SFILMY

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X